Part Number Hot Search : 
331MH VN770P 2MI30M2 0121ZS 7133LA4 B2412 LMR12D5V MAX8844Z
Product Description
Full Text Search

TK12A50W -    isc N-Channel MOSFET Transistor

TK12A50W_8893967.PDF Datasheet


 Full text search :    isc N-Channel MOSFET Transistor


 Related Part Number
PART Description Maker
2SK3524    N-CHANNE SILLCON POWER MOSFET
N-CHANNE SILLCON POWER MOSFET - CHANNE SILLCON功率MOSFET
Fuji Electric
Electronic Theatre Controls, Inc.
IRF450 IRF451 IRF452 IRF252 IRF250 IRF251 N-CHANNE POWER MOSFETS
New Jersey Semi-Conductor Products, Inc.
New Jersey Semi-Conductor P...
New Jersey Semi-Conduct...
FCB20N60F12 600V N-Channe MOSFET 600V, 20A, 190mΩ
Fairchild Semiconductor
IRFZ46N-002 E-018 IRF540N-006 IRF540N-004 IRF540N- 46 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
48 A, 60 V, 0.023 ohm, N-CHANNE
81 A, 60 V, 0.012 ohm, N-CHANNE
27 A, 100 V, 0.052 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
72 A, 55 V, 0.012 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
98 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
21 A, 150 V, 0.082 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
46 A, 100 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
2.2 A, 600 V, 4.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
VISHAY INTERTECHNOLOGY INC
HUF76407D3 HUF76407D3S HUF76407D3ST 11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
11A,60V, 0.107 Ohm, N-Channe, Logic Level UltraFET Power MOSFET
Fairchild Semiconductor
NIMD6302R2 HDPlus Dual N-Channel Self-Protected Field Effect Transistor with 1:200 Current Sense FET
HDPlus Dual N-Channe Self-protected Field Effect Transistors with 1:200 Current Mirror FET
ONSEMI[ON Semiconductor]
IRFIZ34N-004 IRFIZ46N-002 IRFIZ46N-029 IRFIZ46N-02 19 A, 55 V, 0.04 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
31 A, 55 V, 0.02 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
13 A, 55 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
28 A, 55 V, 0.024 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
2.1 A, 250 V, 2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB TO-220, 3 PIN
21 A, 60 V, 0.042 ohm, N-CHANNE
28 A, 100 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
56 A, 55 V, 0.008 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
4.5 A, 100 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
Bourns, Inc.
JST Mfg. Co., Ltd.
Vishay Intertechnology, Inc.
Austin Semiconductor, Inc
AT90SC25672R AT90SC25672RT AT90SC320856 AT90SC3208 Low-power, High performance 8-bit/16-bit secure microcontroller with 256K Byte ROM, 72K Byte EEPROM. Security Features: MMU, MED, OTP (one time programmable) EEPROM area, RN (Random Number Generator), "out of bounds" detectors, side channe
Low-power, high-performance, 8-bit/16-bit secure microcontroller with 32K Byte ROM, 8K Byte FLASH and 56K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 32K Byte FLASH and 32K Byte EEPROM.
Low-power, High performance 8-bit/16-bit secure microcontroller with 48K Byte ROM, 2K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 48K Byte ROM and 16K Byte EEPROM.
Low-power, High Performance 8-bit/16-bit secure microcontroller with 64K Byte ROM, 4K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, High performance 8-bit/16-bit secure microcontroller with 96K Byte ROM, 8K Byte EEPROM. Security Features: OTP (one time programmable) EEPROM area, RNG (Random Number Generator), "out of bounds" detectors, side channel attack co
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 64K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 64K Byte ROM and 32K Byte EEPROM.
Low-power, high-performance, 8-/16-bit secure microcontroller with 96K Byte ROM and 16K Byte EEPROM.
Atmel
 
 Related keyword From Full Text Search System
TK12A50W optical TK12A50W pulse TK12A50W Microelectronic TK12A50W Crystals TK12A50W Micropower
TK12A50W circuit TK12A50W poliester TK12A50W lead TK12A50W barrier TK12A50W heatsink
 

 

Price & Availability of TK12A50W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
5.2178800106049